Part Number Hot Search : 
TS431ACY 1N5232 C3851 N3906 C3851 2PD1820A TNA086AE HCT2G0
Product Description
Full Text Search
 

To Download MB2505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  single phase 25 amp bridge rectifiers maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375"(9.5mm) lead length at t c=55 c fea tures peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum forward voltage drop per bridge element at 12.5ad.c. maximum dc reverse current t a=25 c at rated dc blocking voltage t a=100 c MB2505 mb251 mb252 mb254 mb256 mb258 mb2510 units 50 100 200 400 600 800 1000 v 50 100 200 400 600 800 1000 v 35 70 140 280 420 560 700 25 300 10 500 -65 +150 -65 +150 v a a v * 300 amperes surge capability * superior thermal design * mounting: hole thru for #8 screw * 1/4" universal faston terminal MB2505 thru mb2510 1.1 vol t age range 50 to 1000 volts current 25.0 amperes storage temperature range, t stg operating temperature range, t j c c dimensions in inches and (millimeters) .673(1 7.1) .633(1 6.1) .480(1 2.2) .425(1 0.8) .732(1 8.6) .692(1 7.6) 1.181 (30.0) 1.102 (28.0) 1.181 (30.0) 1.102 (28.0) hol e fo r no. 8 sc rew .452 (11.5) .582(14.8) .543(13.8) .673(17.1) .633(16.1) max. .033x.250 (0.8x6.4) + ac ac a a mb 324
0.1 1.0 .01 10 50 rating and characteristic curves (MB2505 thru mb2510) fig.4-typical reverse characteristics fig.1-typical forward current a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.2-maximum non-repetitive forward surge current 5 0 10 15 20 30 25 0 200 100 300 500 400 3.0 single phase half wave 60hz resistive or inductive load derating curve 0.1 1.0 .01 10 50 fig.3-typical forward characteristics i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle 0 .2 .4 .6 .8 1.0 1.2 1.4 3.0 0 25 50 75 100 125 150 175 tj=25 c tj=25 c number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 0 20 40 60 80 100 120 140 percent of rated peak reverse vol tage, (%) case temperature,( c) r e v e r s e l e a k a g e c u r r e n t , ( a ) 325


▲Up To Search▲   

 
Price & Availability of MB2505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X